| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5702CEVLQ Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5702CEVLQ Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Overview Freescale Semiconductor 4 I2C 224 GPIO 105 105 105 / 132 Debug Nexus 1 Nexus 1 Nexus 2+5 Package 144 LQFP 144 LQFP 144 LQFP6 176 LQFP 208 MAPBGA7 1 Configuration is software-programmable 2 IC-Input Capture, OC-Output Compare, OPWM-Output Pulse Width Modulation 3 Support for external multiplexer enabling up to 23 channels 4 QuadSPI serial Flash controller can be optionally used as a third DSPI 5 Nexus2+ available on 176 LQFP as alternate pin function and on 208 MAPBGA 6 Not all features are available simultaneously in 144 LQFP package option 7 The 208-pin package is not a production package; it is available in limited quantities for tool development only. Table 1. MPC5606S Family (continued) Feature MPC5602S MPC5604S MPC5606S |