| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5704CECLU Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5704CECLU Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 98 page ![]() Overview MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 3 1 Overview The following sections provide high-level descriptions of the features found on the MPC5606S. 1.1 Device Comparison .. Table 1. MPC5606S Family Feature MPC5602S MPC5604S MPC5606S CPU e200z0h Execution Speed Static - 64 MHz Flash (ECC) 256 KB 512 KB 1 MB EEPROM Emulation Block (ECC) 4 × 16 KB RAM (ECC) 24 KB 48 KB 48 KB Graphics RAM No No 160 KB MPU 12 entry eDMA 16 channels Display Control Unit No No Yes Parallel Data Interface No No Yes Stepper Motor Controller 6 motors Stepper Motor Stall Detect Yes Sound Generation Yes Yes Using eMIOS LCD Segment Driver 64 × 6 64 × 6 40 × 4, 38 × 61 32 kHz External Crystal Oscillator Yes Real Time Counter and Autonomous Periodic Interrupt Yes Yes Yes Periodic Interrupt Timer 4 ch, 32-bit System Watchdog Timer Yes System Timer Module 4 ch, 32-bit Timed I/O2 8 ch, 16-bit IC/OC 16 ch, 16-bit OPWM/IC/OC ADC3 16 channels, 10-bit CAN (64 Mailboxes) 1 × FlexCAN 2 × FlexCAN 2 × FlexCAN CAN Sampler Yes SCI 2 × LINFlex SPI 2 × DSPI 2 × DSPI 34 × DSPI QuadSPI Serial Flash Interface No No Yes |