| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5604BEVLU Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5604BEVLU Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc |
|
44 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 44 3.2 Thermal Characteristics Table 11. Thermal Characteristics for 144-pin LQFP1 1 Thermal characteristics are targets based on simulation that are subject to change per device characterization. Symbol Parameter Conditions Value Unit RθJA CC Junction to Ambient Natural Convection2 2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets JEDEC specification for this package. Single layer board - 1s 50 °C/W RθJA CC Junction to Ambient Natural Convection2 Four layer board - 2s2p 41 °C/W RθJMA CC Junction to Ambient2 @200 ft./min., single layer board - 1s 41 °C/W RθJMA CC Junction to Ambient2 @200 ft./min., four layer board- 2s2p 35 °C/W RθJB CC Junction to Board3 3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for the specified package. 29 °C/W RθJCtop CC Junction to Case4 4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer. 10 °C/W Ψ JT CC Junction to Package Top Natural Convection5 5 Thermal characterization parameter indicating the temperature difference between the package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT. 2°C/W Table 12. Thermal Characteristics for 176-pin LQFP1 1 Thermal characteristics are targets based on simulation that are subject to change per device characterization. Symbol Parameter Conditions Value Unit RθJA CC Junction to Ambient Natural Convection2 2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets JEDEC specification for this package. Single layer board - 1s 43 °C/W RθJA CC Junction to Ambient Natural Convection2 Four layer board - 2s2p 35 °C/W RθJMA CC Junction to Ambient2 @200 ft./min., single layer board - 1s 35 °C/W RθJMA CC Junction to Ambient2 @200 ft./min., Four layer board - 2s2p 30 °C/W RθJB CC Junction to Board3 3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for the specified package. 24 °C/W RθJCtop CC Junction to Case (Top)4 4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer. 9°C/W Ψ JT CC Junction to Package Top Natural Convection5 5 Thermal characterization parameter indicating the temperature difference between the package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT. 2°C/W |