| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5602BEMLU Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5602BEMLU Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 48 3.4.2 Voltage monitor electrical characteristics The device implements a Power On Reset module to ensure correct power-up initialization, as well as four low voltage detectors to monitor the VDD and the VDD12 voltage while device is supplied: • POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state • LVDHV3 monitors VDD to ensure device reset below minimum functional supply • LVDHV5 monitors VDD when application uses device in the 5.0V ± 10% range • LVDLVCOR monitors power domain No. 1 • LVDLVBKP monitors power domain No. 0 Table 14. Voltage Regulator Electrical Characteristics1 1 All values in this table are PRELIMINARY. No. Symbol Parameter Conditions Min Max Unit 1VDDR SR Power supply 3.0 5.5 V 2TJ SR Junction temperature -40 150 °C 3IREG CC Current consumption Reference included, @ 55 °C No load @ Full load — 2 11 mA 4IL CC Output current capacity DC load current — 200 mA 5VDD12 CC Output voltage (value @ IL = 0 @ 27°C) Pre-trimming sigma < 7 mV — 1.330 V Post-trimming 1.270 1.280 Output voltage (value @ IL = Imax) Post-trimming 1.145 — 6 SR External decoupling/stability capacitor 4 capacitances of 10 µF each 10 * 4 µF ESR of external cap 0.05 0.2 ohm 1 bond wire R + 1 pad R 0.2 1 ohm 7LBOND CC Bonding Inductance for Bipolar Base Control pad 0 15 nH 8 CC Power supply rejection @ DC @ no load Cload = 10 µF * 4 — -30 dB @ 200 kHz @ no load -100 @ DC @ 400 mA -30 @ 200 kHz @ 400 mA -30 9 CC Load current transient Cload = 10 µF * 4 — 10% to 90% of IL (max) in 100 ns 10 tSU CC Start-up time after input supply stabilizes2 2 Time after the input supply to the voltage regulator has ramped up (VDDR) and the voltage regulator has asserted the Power OK signal. Cload = 10 µF * 4 — 500 µs |