| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VN750S Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN750S Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 15 page ![]() 10/15 VN750 / VN750S / VN750-B5 1 On State Resistance Vs Tcase Openload On State Detection Threshold Input Low Level On State Resistance Vs VCC Input High Level Input Hysteresis Voltage 1 0 25 50 75 100 125 150 -25 -50 10 20 30 40 50 60 70 80 90 100 110 120 IOUT=2A Vcc=8V; 13V; 36V Tc( °C) RON (mOhm) IOL (mA) 0 25 50 75 100 125 150 -25 -50 20 40 60 80 100 120 140 160 180 200 220 Vcc=13V VIN=5V Tc( °C) 0 25 50 75 100 125 150 -25 -50 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 Tc( °C) VIH (V) 5 10 1520 253035 20 30 40 50 60 70 80 90 100 110 120 130 RON (mOhm) Vcc (V) Iout=2A Tc=-40 °C; 25°C; 125 °C;150°C -40 °C 25 °C 125 °C 150 °C 0 25 50 75 100 125 150 -25 -50 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 Tc( °C) VIL (V) 0 25 50 75 100 125 150 -25 -50 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 Tc( °C) VHYST (V) |