| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATR0622P Datasheet(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR0622P Datasheet(HTML) 11 Page - ATMEL Corporation |
|
11 / 27 page ![]() 11 4891G–GPS–08/08 ATR0622P Both USART ports and the USB port accept input messages in all three supported protocols (NMEA, RTCM and UBX) at the configured baud rate. Input messages of all three protocols can be arbitrarily mixed. Response to a query input message will always use the same protocol as the query input message. The USB port does only accept NMEA and UBX as input protocol by default. RTCM can be enabled via protocol messages on demand. In Auto Mode, no output message is sent out by default, but all input messages are accepted at any supported baud rate. Again, USB is restricted to only NMEA and UBX protocols. Response to query input commands will be given the same protocol and baud rate as it was used for the query command. Using the respective configuration commands, periodic output messages can be enabled. The following message settings are used in the tables below: Table 3-7. Supported Messages at Setting Low NMEA Port Standard GGA, RMC UBX Port NAV SOL, SVINFO MON EXCEPT Table 3-8. Supported Messages at Setting Medium NMEA Port Standard GGA, RMC, GSA, GSV, GLL, VTG, ZDA UBX Port NAV SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF, VELNED, TIMEGPS, TIMEUTC, CLOCK MON EXCEPT Table 3-9. Supported Messages at Setting High NMEA Port Standard GGA, RMC, GSA, GSV, GLL, VTG, ZDA, GRS, GST Proprietary PUBX00, PUBX03, PUBX04 UBX Port NAV SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF, VELNED, TIMEGPS, TIMEUTC, CLOCK MON SCHD, IO, IPC, EXCEPT Table 3-10. Supported Messages at Setting Debug (Additional Undocumented Message May be Part of Output Data) NMEA Port Standard GGA, RMC, GSA, GSV, GLL, VTG, ZDA, GRS, GST Proprietary PUBX00, PUBX03, PUBX04 UBX Port NAV SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF, VELNED, TIMEGPS, TIMEUTC, CLOCK MON SCHD, IO, IPC, EXCEPT RXM RAW (RAW message support requires an additional license) |