| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F2003IPWR Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2003IPWR Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 88 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings† Voltage applied at VCC to VSS --0.3 V to 4.1 V ...................................................... Voltage applied to any pin (see Note 2) --0.3 V to VCC+0.3 V ........................................ Diode current at any device terminal ±2mA ....................................................... Storage temperature, Tstg (unprogrammed device, see Note 3) --55°C to 150°C ........................ Storage temperature, Tstg (programmed device, see Note 3) --40°Cto85°C ........................... NOTES: 1. Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is applied to the TEST pin when blowing the JTAG fuse. 3. Higher temperature may be applied during board soldering process according to the current JEDEC J--STD--020 specification with peak reflow temperatures not higher than classified on the device label on the shipping boxes or reels. recommended operating conditions MIN NOM MAX UNITS Supply voltage during program execution, VCC 1.8 3.6 V Supply voltage during program/erase flash memory, VCC 2.2 3.6 V Supply voltage, VSS 0 V Operating free air temperature range T I Version --40 85 °C Operating free-air temperature range, TA T Version --40 105 °C VCC =1.8 V, Duty Cycle = 50% ±10% dc 6 Processor frequency fSYSTEM (Maximum MCLK frequency) VCC =2.7 V, Duty Cycle = 50% ±10% dc 12 MHz VCC ≥ 3.3 V, Duty Cycle = 50% ±10% dc 16 NOTES: 1. The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse width of the specified maximum frequency. 2. Modules might have a different maximum input clock specification. Refer to the specification of the respective module in this data sheet. 6MHz 12 MHz 16 MHz 1.8 V 2.2 V 2.7 V 3.3 V 3.6 V Supply Voltage --V Supply voltage range, during flash memory programming Supply voltage range, during program execution Legend: NOTE: Minimum processor frequency is defined by system clock. Flash program or erase operations require a minimum VCC of 2.2 V. Figure 1. Save Operating Area |