| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STFLWARP20 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFLWARP20 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 28 page ![]() OFL I0-I7 RD READY INP 0 INP 1 INP 2 INP N T 2 T 3 T 2 T 3 T 2 T 2 T 1 AUTO 8 8 ADDRESS BUS ADDRESS DECODE A9-A16 AS AD0-AD7 READY MCLK OE OFL RD BUSY READY I0-I7 RD/WR micro W.A.R.P. 2.0 PRESET HIGH DS 8 DATA BUS AUTO Figure 23. Off-Line Slave Typical Application Symbol Mode Parameter Min Typ Max Unit T1 Off-Line Slave OFL High to first RD High 3 Clock Pulses T2 Off-Line Slave RD High to READY High 4 Clock Pulses T3 Off-Line Slave READY Low to RD High 3 Clock Pulses Table 10. Off-Line Slave Timing Parameters OFF-LINE SLAVE DOWNLOADING PHASE TIMING 18/28 W.A.R.P.2.0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |