| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STFLWARP20PL Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFLWARP20PL Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 28 page ![]() FUZZYSTUDIO ™ ADB2.0 DESCRIPTION The board has been designed to be connect ed to the RS232 port of an IBM PC 386 (or higher), but it can also work stand alone. It can manage up to 8 digital inputs and 4 digital outputs. Inputs and out puts are provided at TTL com- patible level. The board allows the user to charge the rules and the membership functions (see FUZZYSTUDIO ™ 2.0 User Manual) into the W.A.R.P.2.0 memories. Figure 26. FUZZYSTUDIO ™ ADB2.0 Board Layout The clock generator frequency on board is 8 MHz. An automatic trigger is used to synchronize W.A.R.P.2.0 with the external environment (working connecte d with a PC). When the board is used deconnected from a PC all the fuzzy data (membership functions and rules) are stored in a ZEROPOWER SRAM. Order Code Device Development Tools FUZZYSTUDIO ™ ™ ADB2.0 SW Tools STFLSTUDIO2/KIT STFLWARP20/PL W.A.R.P.2.0 W.A.R.P.2.0 programmer ZEROPOWER programmer RS-232 communication handler Internal Clock Variables and Rules Editor W.A.R.P.2.0 Compiler/Debugger Exporter for ANSI C and MATLAB ® Importer from AFM Tab. 14 Ordering Information 25/28 W.A.R.P.2.0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |