| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT337AM Datasheet(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT337AM Datasheet(HTML) 12 Page - Linear Technology |
|
12 / 12 page ![]() LT137A/LM137 LT337A/LM337 12 137afb Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com © LINEAR TECHNOLOGY CORPORATION 1983 LT 0807 REV B • PRINTED IN USA M(DD3) (STRAIGHT) 0801 .045 – .055 (1.143 – 1.397) .165 – .180 (4.191 – 4.572) .050 (1.270) TYP .090 – .110 (2.286 – 2.794) .013 – .023 (0.330 – 0.584) .095 – .115 (2.413 – 2.921) .028 – .038 (0.711 – 0.965) .520 – .570 (13.208 – 14.478) .218 – .252 (5.537 – 6.401) .330 – .370 (8.382 – 9.398) .060 (1.524) TYP .390 – .415 (9.906 – 10.541) 15 ° TYP .420 .350 .565 .090 .070 TYP .100 BSC .420 .276 .325 .205 .080 .565 .090 .070 TYP .100 BSC RECOMMENDED SOLDER PAD LAYOUT FOR THICKER SOLDER PASTE APPLICATIONS RECOMMENDED SOLDER PAD LAYOUT NOTE: 1. DIMENSIONS IN INCH/(MILLIMETER) 2. DRAWING NOT TO SCALE .320 .100 (2.540) BSC .028 – .038 (0.711 – 0.965) T3 (TO-220) 0801 .045 – .055 (1.143 – 1.397) .165 – .180 (4.191 – 4.572) .095 – .115 (2.413 – 2.921) .013 – .023 (0.330 – 0.584) .520 – .570 (13.208 – 14.478) .980 – 1.070 (24.892 – 27.178) .218 – .252 (5.537 – 6.401) .050 (1.270) TYP .147 – .155 (3.734 – 3.937) DIA .390 – .415 (9.906 – 10.541) .330 – .370 (8.382 – 9.398) .460 – .500 (11.684 – 12.700) .570 – .620 (14.478 – 15.748) .230 – .270 (5.842 – 6.858) M Package 3-Lead Plastic DD Pak (Reference LTC DWG # 05-08-1460) PACKAGE DESCRIPTION T Package 3-Lead Plastic TO-220 (Reference LTC DWG # 05-08-1420) |