| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XC6419CD03ML Datasheet(PDF) 3 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6419CD03ML Datasheet(HTML) 3 Page - Torex Semiconductor |
|
3 / 29 page ![]() 3/29 XC6419 Series PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN - 0.3 ~ + 6.5 V Output Current IOUT1+IOUT2 500 (*1) mA Output Voltage 1 / Output Voltage 2 VOUT1 /VOUT2 VSS - 0.3 ~ VIN + 0.3 V EN1/EN2 Input Voltage VEN1 /VEN2 VSS - 0.3 ~ + 6.5 V 120 USP-6C 1000 (PCB mounted) (*2) Power Dissipation SOT-26 Pd 250 mW Operating Temperature Range Topr - 40 ~ + 85 ℃ Storage Temperature Range Tstg - 55 ~ + 125 ℃ ■BLOCK DIAGRAMS ■ABSOLUTE MAXIMUM RATINGS Ta=25℃ * Diodes inside the circuits are ESD protection diodes and parasitic diodes. *1: Please use within the range of Pd > { (VIN-VOUT1)×IOUT1 + (VIN-VOUT2)×IOUT2 } *2: This power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 28 for details. |