| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H12WD4875FGP Datasheet(PDF) 2 Page - Crydom Inc., |
|
|
|||||||||||||||||||||||||||||
H12WD4875FGP Datasheet(HTML) 2 Page - Crydom Inc., |
|
2 / 5 page ![]() INPUT SPECIFICATIONS (1) Description DC Control Control Voltage Range 4-32 VDC Maximum Turn-On Voltage 4.0 VDC Minimum Turn-Off Voltage 1 .0 VDC Typical Input Current 15 mADC (5) Nominal Input Impedance See Note 5 Maximum Turn-On Time [msec] (4) 1/2 Cycle Maximum Turn-Off Time [msec] 1/2 Cycle GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) 4000 Vrms Minimum Insulation Resistance (@ 500 V DC) 109 Ohm Maximum Capacitance, Input/Output 8 pF Ambient Operating Temperature Range -40 to 80 °C Ambient Storage Temperature Range -40 to 125 °C Weight (typical) 3 oz (86.5 g) Encapsulation Thermally conductive Epoxy Terminals Screw and saddle Clamps Furnished, Unmounted Recommended Terminal Screw Torque Range: 6-32 Screws - 10 in/lbs. 8-32 & 10-32 Screws - 20 in. lbs. (Screws dry without grease) Fastons: Single pair (up to 25A) Double pair* (50A model only) Caution: User must connect to both pairs GENERAL NOTES 1) All parameters at 25°C and per section unless otherwise specified. 2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Heat sinking required, for derating curves see page 2. 4) Turn-on time for DC control random turn-on versions is 0.02 msec 5) Input circuitry version incorporates active current limiter. 6) Only 125A model CE Compliant. For Contact information visit our web site. www.crydom.com ©2008 Crydom, Inc. Specifications subject to change without notice. |