Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SCD36 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SCD36
Descripción Electrónicos  Surface Mount Schottky Barrier Rectifiier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SCD36 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SCD36 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
1
2
4.597
3.988
5.283
4.775
2.896
2.489
1.575
1.397
3.93
3.73
2.38
2.18
5.49
5.29
1.47
1.67
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AC(SMA)
Unit: mm
1.981
2.438
Features
For surface mounted applications.
Low profile package.
Built-in strain relief.
Metal silicon junction, majority carrier conduction.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Absolute Maximum Ratings and Electrical Characteristics at 25
Parameter
Symbol
KCD32
KCD34
KCD36
KCD310
Unit
Maximum repetitive peak reverse voltage
VRRM
20
40
60
100
V
Maximum RMS voltage
VRMS
14
28
42
70
V
Maximum DC blocking voltage
VDC
20
40
60
100
V
Maximum average forward rectified current
I(AV)
A
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
A
Maximum instantaneous forward voltage at 3.0A * 1
VF
0.7
0.85
V
Typical thermal resistance
R JA
R JL
/W
Operating junction temperature range
TJ
Storage temperature range
Tstg
* 1. Pulse test: 300ms pulse width, 1% duty cycle.
3
80
0.5
-55to+150
Maximum DC reverse current * 1 TA=25
at rated DC blocking voltage TA=100
IR
0.5
20
10
-55to+125
-55 to +150
mA
55
17
Surface Mount Schottky Barrier Rectifiier
KCD32 THRU KCD310
(SCD32 THRU SCD310)


Número de pieza similar - SCD36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
SCD36 ZOWIE-SCD36 Datasheet
46Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SCD36H ZOWIE-SCD36H Datasheet
202Kb / 2P
Schottky Barrier Diode
SCD36RH ZOWIE-SCD36RH Datasheet
56Kb / 2P
Schottky Barrier Diode
More results

Descripción similar - SCD36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
KS22 KEXIN-KS22 Datasheet
39Kb / 1P
Surface Mount Schottky Barrier Rectifiier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com