| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS80C32X2-VCJR Datasheet(PDF) 27 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C32X2-VCJR Datasheet(HTML) 27 Page - TEMIC Semiconductors |
|
27 / 54 page ![]() Rev. B - Jan. 25, 1999 27 Preliminary TS80C52X2 Table 13. IPH Register IPH - Interrupt Priority High Register (B7h) Reset Value = XX00 0000b Not bit addressable 7 6 5 4 3 2 1 0 - - PT2H PSH PT1H PX1H PT0H PX0H Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 - Reserved The value read from this bit is indeterminate. Do not set this bit. 5 PT2H Timer 2 overflow interrupt Priority High bit PT2H PT2 Priority Level 0 0 Lowest 01 10 1 1 Highest 4 PSH Serial port Priority High bit PSH PS Priority Level 0 0 Lowest 01 10 1 1 Highest 3 PT1H Timer 1 overflow interrupt Priority High bit PT1H PT1 Priority Level 0 0 Lowest 01 10 1 1 Highest 2 PX1H External interrupt 1 Priority High bit PX1H PX1 Priority Level 0 0 Lowest 01 10 1 1 Highest 1 PT0H Timer 0 overflow interrupt Priority High bit PT0H PT0 Priority Level 0 0 Lowest 01 10 1 1 Highest 0 PX0H External interrupt 0 Priority High bit PX0H PX0 Priority Level 0 0 Lowest 01 10 1 1 Highest |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |