Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BFS17R Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza BFS17R
Descripción Electrónicos  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17R Datasheet(HTML) 1 Page - Vishay Siliconix

  BFS17R Datasheet HTML 1Page - Vishay Siliconix BFS17R Datasheet HTML 2Page - Vishay Siliconix BFS17R Datasheet HTML 3Page - Vishay Siliconix BFS17R Datasheet HTML 4Page - Vishay Siliconix BFS17R Datasheet HTML 5Page - Vishay Siliconix BFS17R Datasheet HTML 6Page - Vishay Siliconix BFS17R Datasheet HTML 7Page - Vishay Siliconix BFS17R Datasheet HTML 8Page - Vishay Siliconix BFS17R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BFS17/BFS17R/BFS17W
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 20-Jan-99
1 (10)
Document Number 85038
Silicon NPN Planar RF Transistor
Electrostatic sensitive device.
Observe precautions for handling.
Applications
For broadband amplifiers up to 1 GHz.
Features
D High power gain
D SMD-package
13 581
23
1
94 9280
BFS17 Marking: E1
Plastic case (SOT 23)
1 = Collector, 2 = Base, 3 = Emitter
13 581
2
3
1
9510527
BFS17R Marking: E4
Plastic case (SOT 23)
1 = Collector, 2 = Base, 3 = Emitter
2
1
3
13 652
13 570
BFS17W Marking: WE1
Plastic case (SOT 323)
1 = Collector, 2 = Base, 3 = Emitter


Número de pieza similar - BFS17R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
BFS17 NXP-BFS17 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Guangdong Kexin Industr...
BFS17 KEXIN-BFS17 Datasheet
901Kb / 2P
NPN Transistors
logo
Motorola, Inc
BFS17 MOTOROLA-BFS17 Datasheet
34Kb / 1P
RF TRANSISTOR
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
More results

Descripción similar - BFS17R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com