| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC1290CCSW Datasheet(PDF) 14 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1290CCSW Datasheet(HTML) 14 Page - Linear Technology |
|
14 / 32 page ![]() 14 LTC1290 1290fe S APPLICATI I FOR ATIO Figure 2. Data Output (DOUT) Timing with Different Word Lengths tSMPL B11 18 tCONV B10 B9 B8 B7 B4 (SB) 8-Bit Word Length SCLK CS DOUT LSB-FIRST tSMPL B11 1 tCONV (SB) 12-Bit Word Length SCLK CS DOUT LSB-FIRST 10 12 DOUT MSB-FIRST DOUT MSB-FIRST (SB) tSMPL 1 tCONV 16-Bit Word Length 12 16 FILL ZEROS * ** * IN UNIPOLAR MODE, THESE BITS ARE FILLED WITH ZEROS. IN BIPOLAR MODE, THE SIGN BIT IS EXTENDED INTO THESE LOCATIONS. LTC1290 F02 B6 B5 B0 B1 B2 B3 B4 B7 B5 B6 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 SCLK CS DOUT LSB-FIRST DOUT MSB-FIRST B11 (SB) (SB) B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 THE LAST FOUR BITS ARE TRUNCATED |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |