Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC2751AIUHF-16-TRPBF Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTC2751AIUHF-16-TRPBF
Descripción Electrónicos  Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2751AIUHF-16-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2751AIUHF-16-TRPBF Datasheet HTML 3Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 4Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 5Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 6Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 7Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 8Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 9Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 10Page - Linear Technology LTC2751AIUHF-16-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2751
7
2751f
500ns/DIV
UPD
5V/DIV
GATED
SETTLING
WAVEFORM
250μV/DIV
2751 G10
USING LT1469 AMP
CFEEDBACK = 12pF
0V TO 10V STEP
CODE
0
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16383
2751 G11
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16383
2751 G12
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
1024
2048
–0.6
0.6
0.8
0.2
3072
4095
2751 G13
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
1024
2048
3072
4095
2751 G14
VDD = 5V
VREF = 5V
±10V RANGE
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
TYPICAL PERFORMANCE CHARACTERISTICS
Settling 0V to 10V
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2751-12
LTC2751-16
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2751-14
VDD (V)
2.5
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
3
4
3.5
4.5
–0.6
0.6
0.8
0.2
5
5.5
2751 G09b
+INL
–INL
INL vs VDD
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com