Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC3240 Datasheet(PDF) 9 Page - Linear Technology

No. de pieza LTC3240
Descripción Electrónicos  3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC3240 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3240 Datasheet HTML 4Page - Linear Technology LTC3240 Datasheet HTML 5Page - Linear Technology LTC3240 Datasheet HTML 6Page - Linear Technology LTC3240 Datasheet HTML 7Page - Linear Technology LTC3240 Datasheet HTML 8Page - Linear Technology LTC3240 Datasheet HTML 9Page - Linear Technology LTC3240 Datasheet HTML 10Page - Linear Technology LTC3240 Datasheet HTML 11Page - Linear Technology LTC3240 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3240-3.3/LTC3240-2.5
9
3240fb
In charge pump mode the value of COUTdirectlycontrolsthe
amount of output ripple for a given load current. Increasing
the size of COUT will reduce the output ripple at the expense
of higher minimum turn-on time. The peak-to-peak output
ripple is approximately given by the expression:
V
I
fC
RIPPLE P P
OUT
OSC
OUT
()
2
where fOSC is the oscillator frequency (typically 1.2MHz)
and COUT is the value of the output capacitor.
Also, the value and style of the output capacitor can sig-
nificantly affect the stability of the LTC3240. As shown
in the Block Diagram, the LTC3240 uses a linear control
loop to adjust the strength of the charge pump to match
the current required at the output. The error signal of this
loop is stored directly on the output storage capacitor.
This output capacitor also serves to form the dominant
pole of the control loop. To prevent ringing or instability
on the LTC3240, it is important to maintain at least 2µF
of capacitance over all conditions.
Excessive ESR on the output capacitor can degrade the
loop stability of the LTC3240. The closed-loop output
resistance of the LTC3240 is designed to be 0.5
Ω. For a
100mA load current change, the output voltage will change
by about 50mV. If the output capacitor has 0.5
Ω or more
of ESR, the closed-loop frequency response will cease to
roll off in a simple one-pole fashion and poor load transient
response or instability could result. Ceramic capacitors
typically have exceptional ESR performance and combined
with a tight board layout should yield very good stability
and load transient performance.
Just as the value of COUT controls the amount of output
ripple, the value of CIN controls the amount of ripple
present at the input pin (VIN) in charge pump mode. The
input current to the LTC3240 is relatively constant during
the input charging phase and the output charging phase
but drops to zero during the nonoverlap times. Since the
nonoverlap time is small (~25ns), these missing notches
result in a small perturbation on the input power supply
line. A higher ESR capacitor such as tantalum will have
higher input noise than a low ESR ceramic capacitor.
Therefore, ceramic capacitors are again recommended
for their exceptional ESR performance.
Further input noise reduction can be achieved by power-
ing the LTC3240 through a very small series inductor as
shown in Figure 3. A 10nH inductor will reject the fast
current notches, thereby presenting a nearly constant
current load to the input power supply. For economy, the
10nH inductor can be fabricated on the PC board with
about 1cm (0.4") of PC board trace.
Flying Capacitor Selection
Warning: A polarized capacitor such as tantalum or alumi-
num should never be used for the flying capacitor since
its voltage can reverse upon start-up of the LTC3240.
Low ESR ceramic capacitors should always be used for
the flying capacitor.
The flying capacitor controls the strength of the charge
pump. A 1µF or greater ceramic capacitor is suggested
for the flying capacitor. For the LTC3240-3.3 operating
at an input voltage in the range 1.8V ≤ VIN ≤ 2.5V, it is
necessary to have at least 0.5µF of capacitance for the
flying capacitor in order to achieve the maximum rated
current of 40mA.
For very light load applications, the flying capacitor may
be reduced to save space or cost. From the first order
approximation of ROL in the “Effective Open-Loop Output
Resistance” section, the theoretical minimum output
resistance of a voltage doubling charge pump can be
expressed by the following equation:
R
VV
If
C
OL MIN
IN
OUT
OUT
OSC
FLY
()
=≅
21
where fOSC is the switching frequency (1.2MHz) and CFLY
is the value of the flying capacitor. The charge pump
will typically be weaker than the theoretical limit due
Figure 3. 10nH Inductor Used for
Additional Input Noise Reduction
APPLICATIO S I FOR ATIO
LTC3240-3.3/
LTC3240-2.5
0.22
µF
2.2
µF
VIN
GND
1cm OF WIRE
10nH
VIN
1
2
3240 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com