Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CY74FCT240TDIP Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza CY74FCT240TDIP
Descripción Electrónicos  8-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240TDIP Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT240TDIP Datasheet HTML 1Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 2Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 3Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 4Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 5Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 6Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 7Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY54/74FCT240T
CY54/74FCT244T
5
Ordering Information—FCT240T
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.3
CY74FCT240CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Commercial
CY74FCT240CTQCT
Q5
20-Lead (150-Mil) QSOP
4.8
CY74FCT240ATSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Commercial
CY74FCT240ATQCT
Q5
20-Lead (150-Mil) QSOP
5.1
CY54FCT240ATDMB
D6
20-Lead (300-Mil) CerDIP
Military
CY54FCT240ATLMB
L61
20-Pin Square Leadless Chip Carrier
8.0
CY74FCT240TSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Commercial
CY74FCT240TQCT
Q5
20-Lead (150-Mil) QSOP
9.0
CY54FCT240TDMB
D6
20-Lead (300-Mil) CerDIP
Military
Ordering Information—FCT244T
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
3.6
CY74FCT244DTQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT244DTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
4.1
CY74FCT244CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Commercial
CY74FCT244CTQCT
Q5
20-Lead (150-Mil) QSOP
4.6
CY54FCT244CTDMB
D6
20-Lead (300-Mil) CerDIP
Military
4.6
CY74FCT244ATPC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY74FCT244ATSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
CY74FCT244ATQCT
Q5
20-Lead (150-Mil) QSOP
5.1
CY54FCT244ATDMB
D6
20-Lead (300-Mil) CerDIP
Military
CY54FCT244ATLMB
L61
20-Pin Square Leadless Chip Carrier
6.5
CY74FCT244TSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Commercial
CY74FCT244TQCT
Q5
20-Lead (150-Mil) QSOP
7.0
CY54FCT244TDMB
D6
20-Lead (300-Mil) CerDIP
Military
CY54FCT244TLMB
L61
20-Pin Square Leadless Chip Carrier
Shaded areas contain preliminary information.
Document #: 38-00259-B



Html Pages

1 2 3 4 5 6 7 8