Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EPC1 Datasheet(PDF) 19 Page - Altera Corporation

No. de pieza EPC1
Descripción Electrónicos  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EPC1 Datasheet HTML 15Page - Altera Corporation EPC1 Datasheet HTML 16Page - Altera Corporation EPC1 Datasheet HTML 17Page - Altera Corporation EPC1 Datasheet HTML 18Page - Altera Corporation EPC1 Datasheet HTML 19Page - Altera Corporation EPC1 Datasheet HTML 20Page - Altera Corporation EPC1 Datasheet HTML 21Page - Altera Corporation EPC1 Datasheet HTML 22Page - Altera Corporation EPC1 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Altera Corporation
19
Configuration Devices for SRAM-Based LUT Devices Data Sheet
Table 6 defines the APEX 20K, FLEX 10K, and FLEX 6000 timing
parameters when using EPC2, EPC1, and EPC1441 devices at 5.0 V.
Notes to
Table 6:
(1)
Do not use EPC16, EPC8, EPC4, or EPC2 devices to configure FLEX 6000 devices.
(2)
For more information regarding EPC4, EPC8, or EPC16 configuration device timing
parameters, see the Enhanced Configuration Device (EPC4, EPC8 & EPC16) Data Sheet.
(3)
The configuration device imposes a POR delay upon initial power-up to allow the
voltage supply to stabilize. Subsequent reconfigurations do not incur this delay.
FLEX 8000 Device Configuration
FLEX 8000 devices differ from ACEX 1K, APEX 20K, APEX II, FLEX 10K,
and FLEX 6000 devices in that they have internal oscillators that can
provide a DCLK signal to the configuration device. The configuration
device sends configuration data out as a serial bitstream on the DATA
output pin. This data is routed into the FLEX 8000 device via the DATA0
input pin. The EPC1, EPC1441, EPC1213, EPC1064, and EPC1064V
configuration devices support this type of configuration.
Table 6. APEX 20K, FLEX 10K & FLEX 6000 Timing Parameters using EPC2,
EPC1 & EPC1441 Devices at 5.0 V
Notes (1), (2)
Symbol
Parameter
Min
Max
Units
tPOR
POR delay (3)
200
ms
tOEZX
OE
high to DATA output enabled
50
ns
tCH
DCLK
high time
30
75
ns
tCL
DCLK
low time
30
75
ns
tDSU
Data setup time before rising edge on
DCLK
30
ns
tDH
Data hold time after rising edge on DCLK
0ns
tCO
DCLK
to DATA out
30
ns
tOEW
OE
low pulse width to guarantee counter
reset
100
ns
fCLK
DCLK
frequency
6.7
16.7
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com