| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLT32/20/3-3C94 Datasheet(PDF) 2 Page - FERYSTER Inductive Components Manufacturer |
|
|
|||||||||||||||||||||||||||||
PLT32/20/3-3C94 Datasheet(HTML) 2 Page - FERYSTER Inductive Components Manufacturer |
|
2 / 6 page ![]() 2004 Sep 01 2 Ferroxcube Planar E cores and accessories E32/6/20 CORES Effective core parameters of a set of E cores SYMBOL PARAMETER VALUE UNIT Σ(I/A) core factor (C1) 0.323 mm−1 Ve effective volume 5380 mm3 Ie effective length 41.4 mm Ae effective area 130 mm2 Amin minimum area 130 mm2 m mass of core half ≈ 13 g handbook, halfpage CBW407 31.75 ±0.64 24.9 min. 3.18 ±0.2 20.32 ±0.41 R0.64 ref. typ. R0.25 typ. 6.35 ±0.13 6.35 ±0.13 Fig.1 E32/6/20. Dimensions in mm. Effective core parameters of an E/PLT combination Ordering information for plates SYMBOL PARAMETER VALUE UNIT Σ(I/A) core factor (C1) 0.278 mm−1 Ve effective volume 4560 mm3 Ie effective length 35.1 mm Ae effective area 130 mm2 Amin minimum area 130 mm2 m mass of plate ≈ 10 g GRADE TYPE NUMBER 3C90 PLT32/20/3-3C90 3C92 PLT32/20/3-3C92 3C93 PLT32/20/3-3C93 3C94 PLT32/20/3-3C94 3C96 PLT32/20/3-3C96 3F3 PLT32/20/3-3F3 3F4 PLT32/20/3-3F4 handbook, halfpage CBW408 31.75 ±0.64 20.32 ±0.41 3.18 ±0.13 R0.64 ref. typ. Fig.2 PLT32/20/3. Dimensions in mm. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |