Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLT64/50/5-3F3 Datasheet(PDF) 2 Page - FERYSTER Inductive Components Manufacturer

No. de pieza PLT64/50/5-3F3
Descripción Electrónicos  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FERYSTER [FERYSTER Inductive Components Manufacturer]
Página de inicio  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PLT64/50/5-3F3 Datasheet(HTML) 2 Page - FERYSTER Inductive Components Manufacturer

  PLT64/50/5-3F3 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PLT64/50/5-3F3 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PLT64/50/5-3F3 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PLT64/50/5-3F3 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PLT64/50/5-3F3 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PLT64/50/5-3F3 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2004 Sep 01
2
Ferroxcube
Planar E cores and accessories
E64/10/50
CORES
Effective core parameters of a set of E cores
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.156
mm−1
Ve
effective volume
40700
mm3
Ie
effective length
79.9
mm
Ae
effective area
519
mm2
Amin
minimum area
519
mm2
m
mass of core half
≈ 100
g
handbook, halfpage
CBW415
64.0
±1.3
53.8
±1.1
5.1
±0.13
50.8
±1
R0.64 ref. typ.
R0.81 ref. typ.
10.2
±0.13
R0.25 max. typ.
10.2
±0.2
Fig.1 E64/10/50.
Dimensions in mm.
Effective core parameters of an E/PLT combination
Ordering information for plates
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.136
mm−1
Ve
effective volume
35500
mm3
Ie
effective length
69.7
mm
Ae
effective area
519
mm2
Amin
minimum area
519
mm2
m
mass of plate
≈ 78
g
GRADE
TYPE NUMBER
3C90
PLT64/50/5-3C90
3C92
PLT64/50/5-3C92
3C93
PLT64/50/5-3C93
3C94
PLT64/50/5-3C94
3F3
PLT64/50/5-3F3
3F4
PLT64/50/5-3F4
handbook, halfpage
CBW416
63.8
±1.3
50.3
±1
5.08
±0.13
R0.64 ref. typ.
Fig.2 PLT 64/50/5.
Dimensions in mm.



Html Pages

1 2 3 4 5 6