| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SHC3 Datasheet(PDF) 2 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
SHC3 Datasheet(HTML) 2 Page - CIT Relay & Switch |
|
2 / 3 page ![]() www.citswitch.com page 21 phone – 763.535.2339 fax – 763.535.2194 DIMENSIONS A (Square) B (Round) C (Flat) D (Post) SCHEMATIC & PC LAYOUT E (Square Cap) LED SPECIFICATIONS LED Ratings R G Y B W Units Reverse Voltage VR 5 5 5 5 5 V Forward Current (avg / peak) IF / IFS 30 / 125 30 / 125 30 / 125 30 / 125 30 / 125 mA Reverse Current VR = 5V IR 10 10 10 10 10 µA Power Dissipation PT 69 75 75 120 120 mW Forward Voltage (typ. / max), IF = 20mA VF 1.8 / 2.3 2.0 / 2.5 2.0 / 2.5 3.5 / 4.0 3.5 / 4.0 V Wavelength, Peak Emmission, IF = 20mA λP 660 572 595 455 ---- nm Spectral Line Half-Width, IF = 20mA ∆λ 20 20 20 30 ---- nm Luminous Intensity, IF = 20mA LI 20 20 80 40 200 mcd Viewing Angle Θ 150 150 150 150 150 Deg LASER ETCHING STYLES A B C D E F G H J K CAP OPTIONS ←FOR D ACTUATOR C11_ 1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors C12_ 1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors C13_ 1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors SH |