Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

104MTR250KA Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

No. de pieza 104MTR250KA
Descripción Electrónicos  Axial Leaded Metallized Polyester Film Capacitors Reduced Size
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Página de inicio  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104MTR250KA Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  104MTR250KA Datasheet HTML 1Page - Illinois Capacitor, Inc. 104MTR250KA Datasheet HTML 2Page - Illinois Capacitor, Inc. 104MTR250KA Datasheet HTML 3Page - Illinois Capacitor, Inc. 104MTR250KA Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
4
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
MTR
STANDARD PARTS LIST
Axial Leaded Metallized
Polyester Capacitors
Reduced Size
4.7
63
475MTR063LD
3
11x20.5
0.8
4.7
100
475MTR100KD
5
13x20.5
0.8
4.7
250
475MTR250KG
8
17x29
0.8
4.7
250
475MTR250KJ
5
15x34
0.8
4.7
400
475MTR400KJ
8.5
21.5x34
1
4.7
630
475MTR630KN
8
30x46.5
1
6.8
63
685MTR063KD
3
12.5x20.5
0.8
6.8
100
685MTR100KG
3
13x29
0.8
6.8
250
685MTR250KJ
5
17.5x34
0.8
6.8
400
685MTR400KJ
8.5
25.5x34
1
6.8
400
685MTR400KN
6
22x46.5
1
6.8
630
685MTR630KN
8
35x46.5
1
10
63
106MTR063KG
2
12.5x29
0.8
10
100
106MTR100KG
3
15.5x29
0.8
10
100
106MTR100KJ
2
14x34
0.8
10
250
106MTR250KJ
5
21x34
1
10
400
106MTR400KN
6
26x46.5
1
15
63
156MTR063KG
2
17.5x29
0.8
15
100
156MTR100KJ
2
16.5x34
0.8
15
250
156MTR250KJ
5
25x34
1
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Dimensions
DxL
(mm)
15
250
156MTR250KN
3.5
22x46.5
1
15
400
156MTR400KN
6
31.5x46.5
1
22
63
226MTR063KG
2
17.5x29
0.8
22
100
226MTR100KJ
2
19.5x34
1
22
250
226MTR250KN
3.5
25.5x46.5
1
22
400
226MTR400KN
6
37x46.5
1
33
63
336MTR063KJ
1
19.5x34
1
33
100
336MTR100KJ
2
23x34
1
33
250
336MTR250KN
3.5
30.5x46.5
1
47
63
476MTR063KJ
1
22.5x34
1
47
100
476MTR100KJ
2
27x34
1
47
100
476MTR100KN
1
23.5x46.5
1
47
250
476MTR250KN
3.5
36x46.5
1
68
63
686MTR063KN
1
23x46.5
1
68
100
686MTR100KN
1
28x46.5
1
100
63
107MTR063KN
1
27.5x46.5
1
100
100
107MTR100KN
1
33x46.5
1
120
100
127MTR100KN
1
36x46.5
1
150
63
157MTR063KN
1
33x46.5
1
Lead
wire
dia.
(mm)
Lead
wire
dia.
(mm)
Dimensions
DxL
(mm)



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com