| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FFCHLAH Datasheet(PDF) 1 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
FFCHLAH Datasheet(HTML) 1 Page - JDS Uniphase Corporation |
|
1 / 3 page ![]() COMMUNICATIONS COMPONENTS Key Features • Broad wavelength coverage over multiple bands • High-power handling • Wide range of standard parts readily available • Proven reliability The single-window fused coupler splits or combines light with high performance over a wide bandwidth. These components are manufactured using a highly automated process to achieve consistent quality and reliability. These high-performance standard parts are available with a variety of tap ratios, operating wavelengths, and housing and connector options, and can therefore be specified in a wide range of applications, enabling rapid design cycles and new project builds. Reliability is assured through qualification to Telcordia GR-1221. Applications • Passive optical networks •CATV • Network expansion • Fixed attenuation (select configuration option 0) Compliance • Telcordia GR-1221 Fused Coupler, Single Window, Low Loss, C or L Band FFCH Series NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU |
Número de pieza similar - FFCHLAH |
|
Descripción similar - FFCHLAH |