Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

B1504RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

No. de pieza B1504RW
Descripción Electrónicos  Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1504RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1504RW Datasheet HTML 1Page - MicroPower Direct, LLC B1504RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B1501RW
12
9.0 - 18.0
1,056
30
50
3.3
3,000.0
300.0
3.9
78
470
3,000
B1502RW
12
9.0 - 18.0
1,543
30
50
5.0
3,000.0
300.0
6.8
81
470
3,000
B1503RW
12
9.0 - 18.0
1,452
30
50
12.0
1,250.0
125.0
15.0
86
470
3,000
B1504RW
12
9.0 - 18.0
1,452
30
50
15.0
1,000.0
100.0
18.0
86
470
3,000
B1505RW
12
9.0 - 18.0
1,452
30
50
±12.0
±625.0
±62.5
±15.0
86
±220
3,000
B1506RW
12
9.0 - 18.0
1,452
30
50
±15.0
±500.0
±50.0
±18.0
86
±220
3,000
B1511RW
24
18.0 - 36.0
528
17
40
3.3
3,000.0
300.0
3.9
78
470
1,500
B1512RW
24
18.0 - 36.0
772
17
40
5.0
3,000.0
300.0
6.8
81
470
1,500
B1513RW
24
18.0 - 36.0
726
17
40
12.0
1,250.0
125.0
15.0
86
470
1,500
B1514RW
24
18.0 - 36.0
726
17
40
15.0
1,000.0
100.0
18.0
86
470
1,500
B1515RW
24
18.0 - 36.0
726
17
40
±12.0
±625.0
±62.5
±15.0
86
±220
1,500
B1516RW
24
18.0 - 36.0
726
17
40
±15.0
±500.0
±50.0
±18.0
86
±220
1,500
B1521RW
48
36.0 - 75.0
264
10
30
3.3
3,000.0
300.0
3.9
78
470
750
B1522RW
48
36.0 - 75.0
385
10
30
5.0
3,000.0
300.0
6.8
81
470
750
B1523RW
48
36.0 - 75.0
363
10
30
12.0
1,250.0
125.0
15.0
86
470
750
B1524RW
48
36.0 - 75.0
363
10
30
15.0
1,000.0
100.0
18.0
86
470
750
B1525RW
48
36.0 - 75.0
363
10
30
±12.0
±625.0
±62.5
±15.0
86
±220
750
B1526RW
48
36.0 - 75.0
363
10
30
±15.0
±500.0
±50.0
±18.0
86
±220
750
Model Selection Guide
Mechanical Dimensions
Notes:
1. When measuring output ripple, it is recommended that an external 4.7 µF ceramic capacitor be placed from
the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. The maximum control current at the on/off pin (pin 6) during a logic high is 50 µA. The maximum control
current to the on/off pin at logic low is -1 mA. If the on/off pin is left open, the unit operates. If it is grounded,
the unit will shut off.
4. Operation at no-load will not damage these units. However, they may not meet all specifications.
5. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this, connect the
load across the positive (+Vout) and negative (-Vout) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a highly inductive
impedance may affect the stability of the converter.
In applications where the converter output loading is high and input power is supplied over long lines, it may
be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low Equivalent Series Resistance (ESR <1.0
at 100 kHz) capacitor
be mounted close to the converter. A 10.0 µF is recommended.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for
the correct rating.
Heatsink Notes:
• Use of the heatsink will extend the units operating temperature
range by approximately 10°C.
• The heatsink is black anodized aluminum.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Heatsink Dimensions (Optional)
For heatsink option, add suffix “H” to model number (i.e. B1503RW-H)
www.micropowerdirect.com
For Remote Control option, add suffix “R” to model number (i.e. B1503RW-R)
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Comm.
5
-Vout
-Vout
6
ON/OFF ON/OFF
Pin Connections
Derating Curve



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com