Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515846 Datasheet(PDF) 37 Page - Motorola, Inc

No. de pieza SC515846
Descripción Electrónicos  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SC515846 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button SC515846 Datasheet HTML 33Page - Motorola, Inc SC515846 Datasheet HTML 34Page - Motorola, Inc SC515846 Datasheet HTML 35Page - Motorola, Inc SC515846 Datasheet HTML 36Page - Motorola, Inc SC515846 Datasheet HTML 37Page - Motorola, Inc SC515846 Datasheet HTML 38Page - Motorola, Inc SC515846 Datasheet HTML 39Page - Motorola, Inc SC515846 Datasheet HTML 40Page - Motorola, Inc SC515846 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
37
$0063
PACN2 (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0064
PACN1 (hi)
Read:
Bit 7
654321
Bit 0
Write:
$0065
PACN0 (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0066
MCCTL
Read:
MCZI
MODMC
RDMCL
00
MCEN
MCPR1
MCPR0
Write:
ICLAT
FLMC
$0067
MCFLG
Read:
MCZF
0
0
0
POLF3
POLF2
POLF1
POLF0
Write:
$0068
ICPAR
Read:
0000
PA3EN
PA2EN
PA1EN
PA0EN
Write:
$0069
DLYCT
Read:
000000
DLY1
DLY0
Write:
$006A
ICOVW
Read:
NOVW7
NOVW6
NOVW5
NOVW4
NOVW3
NOVW2
NOVW1
NOVW0
Write:
$006B
ICSYS
Read:
SH37
SH26
SH15
SH04
TFMOD
PACMX
BUFEN
LATQ
Write:
$006C
Reserved
Read:
Write:
$006D
TIMTST
Test Only
Read:
000000
TCBYP
0
Write:
$006E
Reserved
Read:
Write:
$006F
Reserved
Read:
Write:
$0070
PBCTL
Read:
0
PBEN
0000
PBOVI
0
Write:
$0071
PBFLG
Read:
000000
PBOVF
0
Write:
$0072
PA3H
Read:
Bit 7
654321
Bit 0
Write:
$0073
PA2H
Read:
Bit 7
654321
Bit 0
Write:
$0074
PA1H
Read:
Bit 7
654321
Bit 0
Write:
$0075
PA0H
Read:
Bit 7
654321
Bit 0
Write:
$0076
MCCNT (hi)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$0077
MCCNT (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0078
TC0H (hi)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$0079
TC0H (lo)
Read:
Bit 7
654321
Bit 0
Write:
$007A
TC1H (hi)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$007B
TC1H (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0040 - $007F
ECT (Enhanced Capture Timer 16 Bit 8 Channels)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com