Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

6865M Datasheet(PDF) 1 Page - Mallory performance club

No. de pieza 6865M
Descripción Electrónicos  ELECTRONIC IGNITION CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MALLORY [Mallory performance club]
Página de inicio  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6865M Datasheet(HTML) 1 Page - Mallory performance club

  6865M Datasheet HTML 1Page - Mallory performance club 6865M Datasheet HTML 2Page - Mallory performance club 6865M Datasheet HTML 3Page - Mallory performance club 6865M Datasheet HTML 4Page - Mallory performance club 6865M Datasheet HTML 5Page - Mallory performance club 6865M Datasheet HTML 6Page - Mallory performance club 6865M Datasheet HTML 7Page - Mallory performance club 6865M Datasheet HTML 8Page - Mallory performance club 6865M Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NITROUS 6
ELECTRONIC IGNITION CONTROL
PART NO 6865M
FORM 1670M 08/06
INSTALLATION INSTRUCTIONS
1
MALLORY IGNITION
www.malloryracing.com
GENERAL INFORMATION
The NITROUS 6 includes a single stage
RPM limiter and a single stage ignition
retard. You can set various settings using
the switches that are located in the end
bracket. See Figure 1 of this instruction form
for more information about the rev limiting
and ignition retard features.
Battery
The NITROUS 6 Ignition Control operates on
any negative ground, 12 volt electrical
system with a distributor. It will also work
with 16 volt batteries and can withstand a
momentary spike of 24 volts in case of jump
starts. This system delivers full voltage with
a supply of 10-18 volts, and operates with a
supply voltage as low as 8 volts.
If your application does not use an alternator,
allow at least 15 amp/hours for every half
hour of operation. If you crank the engine
with the same battery or other accessories,
such as an electric fuel or water pump,
increase the amp/hour rating.
Coils
For optimum performance with your
NITROUS 6 Ignition Control, we recommend
a Mallory PROMASTER® Coil P/N 29440 or
30440 or 30441 Mallory PROMASTER® E.
For continuous high rpm use, coil part
numbers 29625, 30625 or 30626 can also be
used. You may also use most stock coils
designed for use with OEM electronic ignitions.
NOTE: Do not use Mallory’s PROMASTER®
Coil P/N 28880.
Tachometers
The yellow wire on the NITROUS 6 Ignition
Control provides a trigger signal for
tachometers, shift lights, or other add-on
RPM activated devices. This wire produces
a 12 volts square wave signal with a 20%
duty cycle.
Some vehicles with factory tachometers may
require a tach adapter to work with the
NITROUS 6 Ignition Control. If your GM
vehicle uses an inline filter, it may cause the
tach to drop to zero on acceleration. If this
occurs, bypass the filter. For more information
on tachometers, see page 5.
Spark Plugs
Using the correct spark plug and heat range
is important for optimum performance.
Because there are so many
variables to consider, we suggest starting
with your engine manufacturer’s spark plug
recommendation. From there, you can
experiment with small changes in plug gap
and heat range to obtain the best performance
from your engine. We also recommend
non-resistor spark plugs.
Foreign Vehicles
Because of modern fuel injection systems,
some foreign vehicles may require a
tachometer/fuel injection adapter to work
with the NITROUS 6 Ignition Control.
NOTE: Do not install the NITROUS 6 Ignition
Control in any vehicle that is originally
equipped with a CD ignition control.


Número de pieza similar - 6865M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mallory performance clu...
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
More results

Descripción similar - 6865M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
ELECTRONIC IGNITION CONTROL CIRCUIT
logo
Allegro MicroSystems
ULQ2460A ALLEGRO-ULQ2460A Datasheet
432Kb / 5P
ELECTRONIC IGNITION TIMING
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
686M MALLORY-686M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com