Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431IDBVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431IDBVR
Descripción Electrónicos  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL431IDBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL431IDBVR Datasheet HTML 16Page - Texas Instruments TL431IDBVR Datasheet HTML 17Page - Texas Instruments TL431IDBVR Datasheet HTML 18Page - Texas Instruments TL431IDBVR Datasheet HTML 19Page - Texas Instruments TL431IDBVR Datasheet HTML 20Page - Texas Instruments TL431IDBVR Datasheet HTML 21Page - Texas Instruments TL431IDBVR Datasheet HTML 22Page - Texas Instruments TL431IDBVR Datasheet HTML 23Page - Texas Instruments TL431IDBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543H − AUGUST 2004 − REVISED JANUARY 2005
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
19.1 V
VCC
TLE2027
TLE2027
AV = 10 V/mV
VEE
0.1
µF
160 k
Ω
820
Ω
(DUT)
TL431
16
Ω
910
Ω
2000
µF
1 k
Ω
VEE
VCC
1
µF
16 k
Ω
16 k
Ω
1
µF
33 k
Ω
33 k
Ω
AV = 2 V/V
22
µF
500
µF
To
Oscilloscope
−1
−2
−4
−5
−6
3
−3
0
1
2
3456
1
0
2
EQUIVALENT INPUT NOISE VOLTAGE
OVER A 10-S PERIOD
4
78
9
10
5
6
t − Time − s
f = 0.1 to 10 Hz
IKA = 10 mA
TA = 25°C
+
−
+
−
Figure 12. Test Circuit for Equivalent Input Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com