| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IQ36070HPC30NRS Datasheet(PDF) 28 Page - SynQor Worldwide Headquarters |
|
|
|||||||||||||||||||||||||||||
IQ36070HPC30NRS Datasheet(HTML) 28 Page - SynQor Worldwide Headquarters |
|
28 / 30 page ![]() Technical Specification IQ36-HP Family Product # IQ36xxxHPXxx Phone 1-888-567-9596 www.synqor.com Doc.# 005-0005231 Rev. A 05/26/09 Page 28 APPLICATIONCONSIDERATIONS Figure C: Typical application circuit (negative logic unit, permanently enabled). Figure D: Internal Input Filter Diagram (component values listed on the specifications page). Vin External Input Filter Trim Vin(+) I load C load Vout(+) R trim-up or R trim-down Vsense(+) ON/OFF Vin(_) Vout(_) Vsense(_) Electrolytic Capacitor Input System Instability: This condition can occur because any dc-dc converter appears incrementally as a negative resistanceload.Adetailedapplicationnotetitled“InputSystem Instability”isavailableontheSynQorwebsite which provides an understanding of why this instability arises, and shows the preferred solution for correcting it. Application Circuits:FigureCprovidesatypicalcircuitdiagram which details the input filtering and voltage trimming. Input Filtering and External Capacitance: FigureD provides a diagram showing the internal input filter components. This filter dramatically reduces input terminal ripple current, which otherwise could exceed the rating of an external electrolytic input capacitor. The recommended external input capacitance is specified in the Input Characteristics section on the Electrical Characteristics page.Moredetailedinformationisavailableintheapplicationnote titled “EMICharacteristics”ontheSynQorwebsite. C L Vin(+) Vin(_) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |