Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS40WSPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

No. de pieza BAS40WSPT
Descripción Electrónicos  SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENMKO [Chenmko Enterprise Co. Ltd.]
Página de inicio  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS40WSPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BAS40WSPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS40WSPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40WSPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY DIODE
VOLTAGE 40 Volts
CURRENT 0.2 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (SC-70/SOT-323)
* High speed. (TRR=2.5nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
WEIGHT
* 0.006 grams ( Approx.)
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-9
Maximum Average Reverse Current at VR= 30V
CHARACTERISTICS
SYMBOL
UNITS
380
1000
200
nAmps
mVolts
Maximum Instantaneous Forward Voltage
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1Sec.
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
BAS40WSPT
UNITS
40
Volts
Volts
Volts
Amps
28
40
0.2
0.6
5.0
-55 to +125
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
5.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0.0 volts.
2. Measured at applied froward current of 10mA and reverse current of 10mA.
3. ESD sensitive product handling required.
* Maximum total power disspation is 200mW.
* Peak forward current is 300mA.
MARKING
* MH
SC-70/SOT-323
@IF= 1.0mA
@IF= 40mA
CIRCUIT
BAS40WSPT
Dimensions in millimeters
SC-70/SOT-323
0.65
0.65
1.3±0.1
2.0±0.2
0.8~1.1
0.3±0.1
0.05~0.2
0~0.1
1.25±0.1
2.0~2.45
0.1Min.


Número de pieza similar - BAS40WSPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS Datasheet
243Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS40WS KEXIN-BAS40WS Datasheet
38Kb / 1P
Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
BAS40WS SEMTECH_ELEC-BAS40WS Datasheet
313Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAS40WSPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
BAS40APT CHENMKO-BAS40APT Datasheet
1Mb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40CPT CHENMKO-BAS40CPT Datasheet
611Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40PT CHENMKO-BAS40PT Datasheet
375Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40SPT CHENMKO-BAS40SPT Datasheet
303Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TAPT CHENMKO-BAS40TAPT Datasheet
97Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TCPT CHENMKO-BAS40TCPT Datasheet
242Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TPT CHENMKO-BAS40TPT Datasheet
241Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TSPT CHENMKO-BAS40TSPT Datasheet
242Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40VPT CHENMKO-BAS40VPT Datasheet
203Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40WAPT CHENMKO-BAS40WAPT Datasheet
74Kb / 2P
SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com