Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASM692AESAF Datasheet(PDF) 10 Page - PulseCore Semiconductor

No. de pieza ASM692AESAF
Descripción Electrónicos  關P Power Supply Supervisor With Battery Backup Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PULSECORE [PulseCore Semiconductor]
Página de inicio  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM692AESAF Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button ASM692AESAF Datasheet HTML 6Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 7Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 8Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 9Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 10Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 11Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 12Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 13Page - PulseCore Semiconductor ASM692AESAF Datasheet HTML 14Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
µP Power Supply Supervisor With Battery Backup Switch
10 of 15
Notice: The information in this document is subject to change without notice.
Parameter
SYMBOL
Conditions
Min
TYP
Max
Unit
ASM69_A, ASM805L, VCC = 5V
PFI Input Threshold
ASM802_C/E, VCC = 5V
1.20
1.225
1.25
1.250
1.30
1.275
V
PFI Input Current
-25
0.01
25
nA
ISOURCE = 800µA
PFO Output
Voltage
ISINK = 3.2mA
VCC - 1.5
0.4
V
Notes:
1. If VCC or VBATT is 0V, the other must be greater than 2.0V.
2. Battery charging-current is “-”. Battery discharge current is “+”.
3. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range.
WDI input impedance is 50 kΩ. WDI is biased to 0.3VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15