Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASM707CPAF Datasheet(PDF) 7 Page - PulseCore Semiconductor

No. de pieza ASM707CPAF
Descripción Electrónicos  Low Power 關P Supervisor Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PULSECORE [PulseCore Semiconductor]
Página de inicio  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM707CPAF Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM707CPAF Datasheet HTML 3Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 4Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 5Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 6Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 7Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 8Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 9Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 10Page - PulseCore Semiconductor ASM707CPAF Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ASM705/706/707/708
April 2008
ASM813L
rev 1.6
Low Power µP Supervisor Circuits
7 of 15
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
-0.3
6.0
V
All other inputs
1
-0.3
VCC + 0.3
V
Input Current at VCC and GND
20
mA
Output Current: All outputs
20
mA
Rate of Rise at VCC
100
V/µs
Plastic DIP Power Dissipation
(Derate 9mW/°C above 70°C)
700
mV
SO Power Dissipation
(Derate 5.9mW/°C above 70°C)
470
mW
MicroSO Power Dissipation
(Derate 4.1mW/°C above 70°C)
330
mW
Operating Temperature Range
ASM705E/706E/707E/708E/813LE
-40
+85
°C
ASM705C/706C/707C/708C/813LC
0
70
°C
Storage Temperature Range
-65
160
°C
Lead Temperature (Soldering 10sec)
300
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. The input voltage limits of PFI and MR can be exceeded if the input current is less than 10mA.
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15