Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ULN2004ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ULN2004ADE4
Descripción Electrónicos  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ULN2004ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  ULN2004ADE4 Datasheet HTML 1Page - Texas Instruments ULN2004ADE4 Datasheet HTML 2Page - Texas Instruments ULN2004ADE4 Datasheet HTML 3Page - Texas Instruments ULN2004ADE4 Datasheet HTML 4Page - Texas Instruments ULN2004ADE4 Datasheet HTML 5Page - Texas Instruments ULN2004ADE4 Datasheet HTML 6Page - Texas Instruments ULN2004ADE4 Datasheet HTML 7Page - Texas Instruments ULN2004ADE4 Datasheet HTML 8Page - Texas Instruments ULN2004ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
The ULN2001A is obsolete
and is no longer supplied.
ULN2001A, ULN2002A, ULN2003A, ULN2004A, ULQ2003A, ULQ2004A
HIGHVOLTAGE HIGHCURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS027G − DECEMBER 1976 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 500-mA-Rated Collector Current
(Single Output)
D High-Voltage Outputs ...50 V
D Output Clamp Diodes
D Inputs Compatible With Various Types of
Logic
D Relay-Driver Applications
description/ordering information
The
ULN2001A,
ULN2002A,
ULN2003A,
ULN2004A, ULQ2003A, and ULQ2004A are
high-voltage, high-current Darlington transistor
arrays. Each consists of seven npn Darlington
pairs
that
feature
high-voltage
outputs
with common-cathode clamp diodes for switching inductive loads. The collector-current rating of a single
Darlington pair is 500 mA. The Darlington pairs can be paralleled for higher current capability. Applications
include relay drivers, hammer drivers, lamp drivers, display drivers (LED and gas discharge), line drivers, and
logic buffers. For 100-V (otherwise interchangeable) versions of the ULN2003A and ULN2004A, see the
SN75468 and SN75469, respectively.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
ULN2002AN
ULN2002AN
PDIP (N)
Tube of 25
ULN2003AN
ULN2003AN
PDIP (N)
Tube of 25
ULN2004AN
ULN2004AN
Tube of 40
ULN2003AD
ULN2003A
SOIC (D)
Reel of 2500
ULN2003ADR
ULN2003A
−20
°C to 70°C
SOIC (D)
Tube of 40
ULN2004AD
ULN2004A
−20 C to 70 C
Reel of 2500
ULN2004ADR
ULN2004A
SOP (NS)
Reel of 2000
ULN2003ANSR
ULN2003A
SOP (NS)
Reel of 2000
ULN2004ANSR
ULN2004A
TSSOP (PW)
Tube of 90
ULN2003APW
UN2003A
TSSOP (PW)
Reel of 2000
ULN2003APWR
UN2003A
PDIP (N)
Tube of 25
ULQ2003AN
ULQ2003A
PDIP (N)
Tube of 25
ULQ2004AN
ULQ2004AN
−40
°C to 85°C
Tube of 40
ULQ2003AD
ULQ2003A
−40
°C to 85°C
SOIC (D)
Reel of 2500
ULQ2003ADR
ULQ2003A
SOIC (D)
Tube of 40
ULQ2004AD
ULQ2004A
Reel of 2500
ULQ2004ADR
ULQ2004A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ULN2001A ...D OR N PACKAGE
ULN2002A ...N PACKAGE
ULN2003A . . . D, N, NS, OR PW PACKAGE
ULN2004A . . . D, N, OR NS PACKAGE
ULQ2003A, ULQ2004A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
2B
3B
4B
5B
6B
7B
E
1C
2C
3C
4C
5C
6C
7C
COM
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Número de pieza similar - ULN2004ADE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
859Kb / 26P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
More results

Descripción similar - ULN2004ADE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com