Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

311HT019XM Datasheet(PDF) 2 Page - Glenair, Inc.

No. de pieza 311HT019XM
Descripción Electrónicos  Composite Lamp Base Thread
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GLENAIR [Glenair, Inc.]
Página de inicio  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

311HT019XM Datasheet(HTML) 2 Page - Glenair, Inc.

  311HT019XM Datasheet HTML 1Page - Glenair, Inc. 311HT019XM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-7
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
TABLE II: SHELL SIZE
Shell
Size
E
± .06
F
± .09
G
± .09
H
± .06
J
± .09
Max
Dash Number
(Table II)
A, F
H
08
09
0.69 (17.5)
0.88 (22.4)
1.19 (30.2)
0.72 (18.3)
1.00 (25.4)
02
10
11
0.75 (19.1)
1.00 (25.4)
1.25 (31.8)
0.75 (19.1)
1.06 (26.9)
03
12
13
0.81 (20.6)
1.13 (28.7)
1.31 (33.3)
0.75 (19.1)
1.13 (28.7)
04
14
15
0.88 (22.4)
1.31 (33.3)
1.38 (35.1)
0.76 (19.3)
1.16 (29.5)
05
16
17
0.94 (23.9)
1.38 (35.1)
1.44 (36.6)
0.78 (19.8)
1.18 (30.0)
06
18
19
0.97 (24.6)
1.44 (36.6)
1.47 (37.3)
0.79 (20.1)
1.19 (30.2)
07
20
21
1.06 (26.9)
1.63 (41.4)
1.56 (39.6)
0.82 (20.8)
1.22 (31.0)
08
22
23
1.13 (28.7)
1.75 (44.5)
1.63 (41.4)
0.86 (21.8)
1.26 (32.0)
09
24
25
1.19 (30.2)
1.88 (47.8)
1.69 (42.9)
0.89 (22.6)
1.29 (32.8)
10
TABLE IV: ENTRY DIAMETER
Dash
Number
K Entry
± .03
L
± .06
01
.13 (3.3)
.45 (11.4)
02
.25 (6.4)
.52 (13.2)
03
.38 (9.7)
.64 (16.3)
04
.50 (12.7)
.77 (19.6)
05
.63 (16.0)
.92 (23.4)
06
.75 (19.1)
1.02 (25.9)
07
.81 (20.6)
1.14 (29.0)
08
.94 (23.9)
1.27 (32.3)
09
1.06 (26.9)
1.43 (36.3)
10
1.19 (30.2)
1.52 (38.6)
11
1.38 (35.1)
1.64 (41.7)
311-019
Composite Lamp Base Thread
EMI/RFI Shield Termination Backshell
with Shrink Boot Porch and Self-Locking Rotatable Coupling
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant
Electroless Nickel
XMT
2000 Hour Corrosion Resistant
Ni-PTFE, Nickel-Fluorocarbon
Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant
Cadmium/Olive Drab over
Electroless Nickel
NOTES
See Table I in Intro for front-end dimensional details.
1.
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details.
2.
Coupling nut supplied unplated.
3.



Html Pages

1 2