Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAMX-008174-CXD860 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza MAMX-008174-CXD860
Descripción Electrónicos  E-Series Surface Mount Mixer 1 to 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-008174-CXD860 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMX-008174-CXD860 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-008174-CXD860 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-008174-CXD860 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-008174-CXD860 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
E-Series Surface Mount Mixer
1 to 1000 MHz
M/A-COM Products
Released, Rev. V2
MAMX-008174-CXD860
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: @ 25°C, Z0 = 50Ω, LO = +7dBm
L - R Isolation
Conversion Loss
IIIP3
L - I Isolation
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
1
201
400
600
800
1000
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
1
201
400
600
800
1000
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
1
201
400
600
800
1000
Frequency (MHz)
10
12
14
16
18
20
22
24
26
180
300
500
880
1000
Frequency (MHz)
LO @ +7dBm
LO @ +9dBm
LO @ +5dBm
LO @ +5dBm
LO @ +9dBm
LO @ +7dBm
LO @ +5dBm
LO @ +7dBm
LO @ +9dBm
LO @ +9dBm
LO @ +7dBm
LO @ +5dBm



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com