Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VT048A160T015FP Datasheet(PDF) 3 Page - Vicor Corporation

No. de pieza VT048A160T015FP
Descripción Electrónicos  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A160T015FP Datasheet(HTML) 3 Page - Vicor Corporation

  VT048A160T015FP Datasheet HTML 1Page - Vicor Corporation VT048A160T015FP Datasheet HTML 2Page - Vicor Corporation VT048A160T015FP Datasheet HTML 3Page - Vicor Corporation VT048A160T015FP Datasheet HTML 4Page - Vicor Corporation VT048A160T015FP Datasheet HTML 5Page - Vicor Corporation VT048A160T015FP Datasheet HTML 6Page - Vicor Corporation VT048A160T015FP Datasheet HTML 7Page - Vicor Corporation VT048A160T015FP Datasheet HTML 8Page - Vicor Corporation VT048A160T015FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Transformation Module
VT048A160T015FP
vicorpower.com
Rev. 1.1
Page 3 of 11
SPECIFICATIONS (CONT.)
WAVEFORMS
Figure 1 — Input reflected ripple current at full load and 48 Vf.
Ripple vs. Output Current
40
60
80
100
120
140
160
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
Output Current (A)
Figure 2 — Output voltage ripple vs. output current at 48 Vf with no POL
bypass capacitance.
Parameter
Min
Typ
Max
Unit
Note
Output voltage
8.67
18.3
Vdc
No load
8.07
17.8
Vdc
Full load
Rated DC current
0
15
Adc
26 - 55 VIN
Peak repetitive current
22.5
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
15.3
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 7
Efficiency
Half load
94.3
94.9
%
See Figure 3
Full load
94.7
95.5
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
25.4
µF
Effective value
Output overvoltage setpoint
18.3
Vdc
Module will shut down
Output ripple voltage
No external bypass
153
300
mVp-p
See Figures 2 and 5
10 µF bypass capacitor
13.4
mVp-p
See Figure 6
Effective switching frequency
3.3
3.6
3.7
MHz
Fixed, 1.8 MHz per phase
Line regulation
K
0.3300
1/3
0.3367
VOUT = K•VIN at no load
Load regulation
ROUT
29.7
40
See Figure 13
Transient response
Voltage overshoot
250
mV
15 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com