Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PA52 Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza PA52
Descripción Electrónicos  Power Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA52 Datasheet(HTML) 1 Page - Cirrus Logic

  PA52 Datasheet HTML 1Page - Cirrus Logic PA52 Datasheet HTML 2Page - Cirrus Logic PA52 Datasheet HTML 3Page - Cirrus Logic PA52 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA52 • PA52A
PA52U
1
PA52, PA52A
FEATURES
•HIGHINTERNALDISSIPATION—400Watts
•HIGHCURRENT—40AContinuous,80APEAK
•HIGHSLEWRATE—50V/µs
•OPTIONALBOOSTVOLTAGEINPUTS
APPLICATIONS
•SEMI-CONDUCTORTESTING
DESCRIPTION
The PA52 is a MOSFET power operational amplifier that
extends the performance limits of power amplifiers in slew
rate and power bandwidth, while maintaining high current and
power dissipation ratings.
Boost voltage inputs allow the small signal portion of the
amplifier to operate at a higher voltage than the high current
output stage. The amplifier is then biased to achieve close
linear swings to the supply rails at high currents for extra ef-
ficient operation.
EQUIVALENTSCHEMATIC
The JEDEC MO-127 12-pin Power Dip™ package (see
Package Outlines) is hermetically sealed and isolated from
the internal circuits.The use of compressible thermal washers
and/or improper mounting torque will void the product warranty.
Please see “General Operating Considerations”.
EXTERNALCONNECTIONS
TOP
VIEW
1
2
3
4
5
6
12
11
10
9
8
7
TOP
VIEW
–IN
+IN
-OUT
-OUT
-Vs
-Vs
+OUT
+OUT
+Vb
-Vb
+Vs
+Vs
12-PINDIP
PACKAGESTYLECR
Power Operational Amplifiers
PA52 • PA52A
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA52UREVG


Número de pieza similar - PA52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
PA52 APEX-PA52 Datasheet
210Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA52 ETC-PA52 Datasheet
1Mb / 11P
Power Operational Amplifiers
Aug 2015
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
PA52-PZP ETC2-PA52-PZP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
NIKO SEMICONDUCTOR CO.,...
PA520BA NIKOSEM-PA520BA Datasheet
277Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Descripción similar - PA52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com