Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PA83A Datasheet(PDF) 3 Page - Cirrus Logic

No. de pieza PA83A
Descripción Electrónicos  High Voltage Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA83A Datasheet(HTML) 3 Page - Cirrus Logic

  PA83A Datasheet HTML 1Page - Cirrus Logic PA83A Datasheet HTML 2Page - Cirrus Logic PA83A Datasheet HTML 3Page - Cirrus Logic PA83A Datasheet HTML 4Page - Cirrus Logic PA83A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA83 • PA83A
PA83U
3
–55
100
0
200
250
CURRENT LIMIT
100
FREQUENCY, F (Hz)
1
FREQUENCY, F (Hz)
–20
0
60
SMALL SIGNAL RESPONSE
20
40
80
100
10
–210
–150
–60
0
PHASE RESPONSE
–90
–30
FREQUENCY, F (Hz)
PULSE RESPONSE
200
TOTAL SUPPLY VOLTAGE, V
S (V)
.4
.6
1.6
SLEW RATE VS. SUPPLY
.8
1.4
COMMON MODE VOLTAGE
1
FREQUENCY, F (Hz)
COMMON MODE REJECTION
40
80
120
10
100
1
FREQUENCY, F (Hz)
POWER SUPPLY REJECTION
0
60
100
7
OUTPUT VOLTAGE SWING
6
INPUT NOISE
–25
25
50
75
150
POWER RESPONSE
30 50
100
150
1.2
20
40
80
2
3
1K
100K
4
20
60
100
10
100
0
20
40
60
80
100
1.0
50
8
–180
–120
0
125
100 1K 10K .1M
250 300
10K
1M 10M
FREQUENCY, F (Hz)
1
120
120
100
10
1M 10M
FREQUENCY, F (Hz)
140
0
1K
10K
1M
1K
10K
1M
120
140
6
0
–4
–6
–2
4
2
.5
1.5
2.5
1
–.5
0
2.0
.1M
.1M
30
60
100
200
300
15
1M
10K
.1M
20K
50K
.2M
.5M
2
4
6
10
20
15
10
1K
10K
.1M
100
CASE TEMPERATURE, T
C (°C)
OUTPUT CURRENT I
O (mA)
TIME, t (µs)
3.0
5
15
100
1M
.1M
50K
.2M
.5M
30
60
200
300
.3M
.7M
T C
=
25°C
T C
=
85°C
T C
=
–25°C
| +V
S | + | –VS | = 100V
| +V
S | + | –VS | = 300V
| +V
S | + | –VS | = 300V
| +V
S | + | –VS | = 100V
R
L = 2KΩ
R
L = 2KΩ
R
L = 2KΩ
R
L = 2KΩ
R
L = 2KΩ
V
IN = ±5V, tr =100ns
+V
S
–V
S
0
25
50
75
100
125
TEMPERATURE, T (°C)
0
5
10
POWER DERATING
2.5
15
150
7.5
12.5
20
17.5



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com