| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC14433T Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC14433T Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 24 page ![]() TC14433/A DS21394D-page 6 © 2008 Microchip Technology Inc. 3.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 3-1. TABLE 3-1: PIN FUNCTION TABLE Pin No. 24-Pin PDIP, SOIC Pin No. 28-Pin PLCC Symbol Description 12 VAG This is the analog ground. It has a high input impedance. The pin determines the reference level for the unknown input voltage (VX) and the reference voltage (VREF). 23 VREF Reference voltage – Full scale output is equal to the voltage applied to VREF. Therefore, full scale voltage of 1.999V requires 2V reference and 199.9 mV full scale requires a 200 mV reference. VREF functions as system reset also. When switched to VEE, the system is reset to the beginning of the conversion cycle. 34 VX The unknown input voltage (VX) is measured as a ratio of the reference voltage (VREF) in a ratiometric A/D conversion. 45 R1 This pin is for external components used for the integration function in the dual slope conversion. Typical values are 0.1 µF (Mylar) capacitor for C1. 56 R1/C1 R1 = 470 kΩ (resistor) for 2V full scale. 67 C1 R1 = 27 kΩ (resistor) for 200 mV full scale. Clock frequency of 66 kHz gives 250 ms conversion time. 79 CO1 These pins are used for connecting the offset correction capacitor. The recommended value is 0.1 µF. 810 CO2 These pins are used for connecting the offset correction capacitor. The recommended value is 0.1 µF. 9 11 DU Display update input pin. When DU is connected to the EOC output, every conversion is displayed. New data will be strobed into the output latches during the conversion cycle if a positive edge is received on DU, prior to the ramp down cycle. When this pin is driven from an external source, the voltage should be referenced to VSS. 10 12 CLK1 Clock input pins. The TC14433 has its own oscillator system clock. Connecting a single resistor between CLK1 and CLK0 sets the clock frequency. 11 13 CLK0 A crystal or OC circuit may be inserted in lieu of a resistor for improved CLK1, the clock input, can be driven from an external clock source, which need only have standard CMOS output drive. This pin is referenced to VEE for external clock inputs. A 300 k Ω resistor yields a clock frequency of about 66 kHz. See Section 2.0 “Typical Performance Curves”. (Also see Figure 5-3 for alternate circuits.) 12 14 VEE Negative power current. Connection pin for the most negative supply. Please note the current for the output drive circuit is returned through VSS. Typical supply current is 0.8 mA. 13 16 VSS Negative power supply for output circuitry. This pin sets the low voltage level for the output pins (BCD, Digit Selects, EOC, OR). When connected to analog ground, the output voltage is from analog ground to VDD. If connected to VEE, the output swing is from VEE to VDD. The recommended operating range for VSS is between the VDD -3 volts and VEE. 14 17 EOC End of conversion output generates a pulse at the end of each conversion cycle. This generated pulse width is equal to one half the period of the system clock. 15 18 OR Overrange pin. Normally this pin is set high. When VX exceeds VREF the OR is low. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |