| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP98243 Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98243 Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 62 page ![]() © 2009 Microchip Technology Inc. DS22153B-page 47 MCP98243 7.0 PACKAGING INFORMATION 7.1 Package Marking Information 8-Lead 2x3x0.9 DFN Example : 8-Lead TSSOP Example: XXXX XYWW NNN 243B E934 256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead 2x3x0.75 TDFN Example : 8-Lead 2x3x0.5 UDFN Example : XXX YWW NN ABZ 934 25 XXX YWW NN AAG 934 25 XXX YWW NN AAA 934 25 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |