Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DTC124XM Datasheet(PDF) 2 Page - Weitron Technology

No. de pieza DTC124XM
Descripción Electrónicos  Bias Resistor Transistor NPN Silicon
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC124XM Datasheet(HTML) 2 Page - Weitron Technology

  DTC124XM Datasheet HTML 1Page - Weitron Technology DTC124XM Datasheet HTML 2Page - Weitron Technology DTC124XM Datasheet HTML 3Page - Weitron Technology DTC124XM Datasheet HTML 4Page - Weitron Technology DTC124XM Datasheet HTML 5Page - Weitron Technology DTC124XM Datasheet HTML 6Page - Weitron Technology DTC124XM Datasheet HTML 7Page - Weitron Technology DTC124XM Datasheet HTML 8Page - Weitron Technology DTC124XM Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WEITRON
http://www.weitron.com.tw
V(BR)CEO
mA
V
nA
V
nA
50
-
50
-
-
-
-
100
500
-
-
-
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
WEITRON
DTC114EM Series
2/13
11-Apr-07
DTC114EM
DTC124EM
DTC144EM
DTC114YM
DTC114TM
DTC143TM
DTC123EM
DTC143EM
DTC143ZM
DTC124XM
DTC123JM
DTC115EM
DTC144WM
V(BR)CBO
ICBO
ICEO
IEBO
Collector-Emitter Breakdown Voltage(1)
IC=2.0mA, IB=0
Off Characteristics
Collector-Base Breakdown Voltage
IC=10µA, IE=0
Collector-Base Cutoff Voltage
VCB=50V, IE=0
Collector-Emitter Cutoff Current
VCE=50V, IB=0
Emitter-Base Cutoff Current
VEB=6.0V, IC=0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.2
DTC144TM
-
-
3. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%
Electrical Characteristics (TA=25˚C Unless Otherwise noted)
Symbol
Typ
Max
Unit
Min
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com