| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5602BEVLQ Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602BEVLQ Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 72 page ![]() Electrical characteristics MPC5604B/C Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 39 4.15 FMPLL electrical characteristics The device provides a frequency-modulated phase-locked loop (FMPLL) module to generate a fast system clock from the main oscillator driver. Table 34. Slow external crystal oscillator (32 kHz) electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max fSXOSC SR — Slow external crystal oscillator frequency — 32 32.768 40 kHz gmSXOSC CC — Slow external crystal oscillator transconductance VDD = 3.3 V ± 10%, PAD3V5V = 1 TBD mA/V VDD = 5.0 V ± 10% PAD3V5V = 0 TBD VDD = 3.3 V ± 10%, PAD3V5V = 1 TBD VDD = 5.0 V ± 10%, PAD3V5V = 0 TBD VSXOSC CC T Oscillation amplitude — — 2.1 — V ISXOSCBIAS CC T Oscillation bias current — TBD µA ISXOSC CC T Slow external crystal oscillator consumption — — — 8 µA TSXOSCSU CC T Slow external crystal oscillator start-up time — — — 23 3 Start-up time has been measured with EPSON TOYOCOM MC306 crystal. Variation may be seen with other crystal s Table 35. FMPLL electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. Value2 Unit Min Typ Max fPLLIN SR — FMPLL reference clock3 — 4 — 64 MHz Δ PLLIN SR — FMPLL reference clock duty cycle(3) — 40 — 60 % fPLLOUT CC P FMPLL output clock frequency — 16 — 64 MHz fCPU SR — System clock frequency — — — 644 MHz fFREE CC P Free-running frequency — 20 — 150 MHz tLOCK CC P FMPLL lock time Stable oscillator (fPLLIN = 16 MHz) 40 100 µs Δt LTJIT CC — FMPLL long term jitter fPLLIN = 16 MHz (resonator), fPLLCLK @ 64 MHz, 4000 cycles — — 10 ns IPLL CC C FMPLL consumption TA = 25 °C — — 4 mA |