| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5602CEVLLR Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602CEVLLR Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc |
|
35 / 72 page ![]() Electrical characteristics MPC5604B/C Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 35 Figure 11. Fast external crystal oscillator (4 to 16 MHz) electrical characteristics Table 31. Crystal description Nominal frequency (MHz) NDK crystal reference Crystal equivalent series resistance ESR Ω Crystal motional capacitance (Cm) fF Crystal motional inductance (Lm) mH Load on xtalin/xtalout C1 = C2 (pF)1 1 The values specified for C1 and C2 are the same as used in simulations. It should be ensured that the testing includes all the parasitics (from the board, probe, crystal, etc.) as the AC / transient behavior depends upon them. Shunt capacitance between xtalout and xtalin C02 (pF) 2 The value of C0 specified here includes 2 pF additional capacitance for parasitics (to be seen with bond-pads, package, etc.). 4 NX8045GB 300 2.68 591.0 21 2.93 8 NX5032GA 300 2.46 160.7 17 3.01 10 150 2.93 86.6 15 2.91 12 120 3.11 56.5 15 2.93 16 120 3.90 25.3 10 3.00 VFXOSCOP TFXOSCSU VXTAL VFXOSC valid internal clock 90% 10% 1/fFXOSC S_MTRANS bit (ME_GS register) ‘1’ ‘0’ |