| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604BEMLLR Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604BEMLLR Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc |
|
58 / 72 page ![]() MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4 Electrical characteristics Freescale Semiconductor 58 tADC_S C C T Sample time5 fADC = 32 MHz, ADC_conf_sample_input = 17 0.5 — µs fADC = 6 MHz, INPSAMP = 255 — 42 tADC_C C C P Conversion time6 fADC = 32 MHz, ADC_conf_comp = 2 0.625 — µs CS C C D ADC input sampling capacitance — — — 3 pF CP1 C C D ADC input pin capacitance 1 — — — 3 pF CP2 C C D ADC input pin capacitance 2 — — — 1 pF CP3 C C D ADC input pin capacitance 3 — — — 1 pF RSW1 C C D Internal resistance of analog source — — — 3 k Ω RSW2 C C D Internal resistance of analog source — — — 2 k Ω RAD C C D Internal resistance of analog source — — — 0.1 k Ω IINJ S R — Input current Injection Current injection on one ADC input, different from the converted one VDD = 3.3 V ± 10% −5 — 5 mA VDD = 5.0 V ± 10% −5 — 5 | INL | C C T Absolute value for integral non-linearity No overload — 0.5 1.5 LSB | DNL | C C T Absolute differential non-linearity No overload — 0.5 1.0 LSB | OFS | C C T Absolute offset error — — 0.5 — LSB | GNE | C C T Absolute gain error — — 0.6 — LSB TUEp C C P Total unadjusted error7 for precise channels, input only pins Without current injection −2 0.6 2 LSB T With current injection −3 3 TUEx C C T Total unadjusted error(7) for extended channel Without current injection −3 1 3 LSB T With current injection −4 4 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. Table 43. ADC conversion characteristics (continued) Symbol C Parameter Conditions1 Value Uni t Min Typ Max |