Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5604CEMLL Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

No. de pieza MPC5604CEMLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604CEMLL Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5604CEMLL Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5604CEMLL Datasheet HTML 72Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Document revision history
Freescale Semiconductor
68
Figure 34. Commercial product code structure
1 208 MAPBGA available only as development package for Nexus2+
7
Document revision history
Table 45 summarizes revisions to this document.
MPC5604BEVLQ
e200z0h
512 / 32
144 LQFP
−40 to 105
64
4 x 16 KB 3.3/5 V
Tray
MPC5604BEVLQR
Tape & Reel
MPC5604CEMLL
e200z0h
512 / 48
100 LQFP
−40 to 125
60
4 x 16 KB 3.3/5 V
Tray
MPC5604CEMLLR
Tape & Reel
MPC5604BEMMG
e200z0h
512 / 48
208 MAP
BGA1
−40 to 125
64
4 x 16 KB 3.3/5 V
Tray
1 208 MAPBGA available only as development package for Nexus2+
Table 45. Revision history
Revision
Date
Description of Changes
1
04-Apr-2008
Initial release.
Table 44. Orderable Part Number Summary (continued)
Orderable Part
Number
CPU
Code Flash /
SRAM
(Kbytes)
Package
Operating
temp.
(°C)
Speed
(MHz)
Data
Flash
Voltage
Packing
Qualification Status
PowerPC Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional fields
MPC
56
B
E
MLL
Example code:
04
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Auto qualified
P = PC status
Automotive Platform
56 = PPC in 90nm
57 = PPC in 65nm
Flash Size (z0 core)
2 = 256 KB
3 = 384 KB
4 = 512 KB
Product
B = Body
C = Gateway
R = Tape & Reel (blank if Tray)
R
Temperature spec.
C = -40 to 85 °C
V = -40 to 105 °C
M = -40 to 125 °C
Package Code
LL = 100 LQFP
LQ = 144 LQFP
MG = 208 MAPBGA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com