| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SB3040FCT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
SB3040FCT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL |
|
2 / 2 page ![]() 2 RATINGS AND CHARACTERISTIC CURVES SB3020FCT THRU SB30150FCT SB3020FCT thru SB30150FCT SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER Fig.2-TYPICA LINS TANTANEOUSFO RWARD CHARACTERISTIC Fig 1-FORWARDCURREN TDER ATINGCU RVE 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 .4 .5 .6 .7 .8 .9 1.0 1.1 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 Fig.3-TYPICA LREVERS ECHARACTERISTIC 0 100 200 300 10 1.0 0.1 0.01 0.00 1 T =10 0 C C O T = 75 C C O T = 25 C C O Fig.5-TYPICA LJUNCTIONCA PACITANCE 1 2 5 10 20 50 100 400 350 300 250 200 150 0 200 500 Fig.4 -MAXIMU MNON-REPETITIV ESURG ECURRENT 160 140 120 100 80 60 40 20 0 1 2 5 10 20 50 100 200 180 (8 150) 0 ~ (5 60) 0 ~ (2 40) 0 ~ INSTANTANEOUS FORWARD VOLTAGE, VOLTS O CASE TEMPERATURE, C NO. OF CYCLE AT 60Hz REVERSE VOLTAGE, VOLTS www.paceleader.tw |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |