| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MIC3003 Datasheet(PDF) 20 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003 Datasheet(HTML) 20 Page - Micrel Semiconductor |
|
20 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 20 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 Serial Address A2h Byte Bit Default Value Description 7 0 Masking bit for Temperature High Alarm interrupt source 6 0 Masking bit for Temperature Low Alarm interrupt source 5 0 Masking bit for Voltage High Alarm interrupt source 4 0 Masking bit for Voltage Low Alarm interrupt source 3 0 Masking bit for Bias High Alarm interrupt source 2 0 Masking bit for Bias Low Alarm interrupt source 1 0 Masking bit for TX Power High Alarm interrupt source 248 0 0 Masking bit for TX Power Low Alarm interrupt source 7 0 Masking bit for RX Power High Alarm interrupt source 6 1 Masking bit for RX Power Low Alarm interrupt source 249 [5-0] Reserved Table 7. Alarms Interrupt Sources Masking Bits Serial Address A2h Byte Bit Default Value Description 7 0 Masking bit for Temperature High Warning interrupt source 6 0 Masking bit for Temperature Low Warning interrupt source 5 0 Masking bit for Voltage High Warning interrupt source 4 0 Masking bit for Voltage Low Warning interrupt source 3 0 Masking bit for Bias High Warning interrupt source 2 0 Masking bit for Bias Low Warning interrupt source 1 0 Masking bit for TX Power High Warning interrupt source 250 0 0 Masking bit for TX Power Low Warning interrupt source 7 0 Masking bit for RX Power High Warning interrupt source 6 1 Masking bit for RX Power Low Warning interrupt source 251 [5-0] Reserved Table 8. Warnings Interrupt Sources Masking Bits |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |