Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MIC3003GML Datasheet(PDF) 43 Page - Micrel Semiconductor

No. de pieza MIC3003GML
Descripción Electrónicos  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 43 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 39Page - Micrel Semiconductor MIC3003GML Datasheet HTML 40Page - Micrel Semiconductor MIC3003GML Datasheet HTML 41Page - Micrel Semiconductor MIC3003GML Datasheet HTML 42Page - Micrel Semiconductor MIC3003GML Datasheet HTML 43Page - Micrel Semiconductor MIC3003GML Datasheet HTML 44Page - Micrel Semiconductor MIC3003GML Datasheet HTML 45Page - Micrel Semiconductor MIC3003GML Datasheet HTML 46Page - Micrel Semiconductor MIC3003GML Datasheet HTML 47Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
43
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Warning Threshold Registers
Temperature High Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 °C)
Serial address
A2h
Bytes addresses
MS byte (THIGHh): 04 = 04h
LS byte (THIGHl): 05 = 05h
Each LS bit of THIGHh represents one degree Celsius. THIGHl is not used, since all limit comparisons for temperature use
eight-bit values.
The eight bits of the high warning threshold value (THIGHh) are compared to the temperature result (TEMPh). WARN0 bit 7 is
set if Result > Threshold.
Temperature Low Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 °C)
Serial address
A2h
Bytes addresses
MS byte (TLOWh): 06 = 06h
LS byte (TLOWl): 07 = 07h
Each LS bit of TLOWh represents one degree Celsius. TLOWl is not used, since all limit comparisons for temperature use
eight-bit values.
The eight bits of the high warning threshold value (TLOWh) are compared to the temperature result (TEMPh). WARN0 bit 6 is
set if Result < Threshold.
Voltage High Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 V)
Serial address
A2h
Bytes addresses
MS byte (VHIGHh): 12 = 0Ch
LS byte (VHIGHl): 13 = 0Dh
Each LS bit of VHIGHh represents 25.6 mV and each LS bit of VHIGHl represents 0.1 mV. The sixteen-bit threshold value
(VHIGHh:VHIGHl) is compared to the sixteen bits value of the voltage result (VINh:VINl). WARN0 bit 5 is set if
Result > Threshold.
Voltage Low Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 V)
Serial address
A2h
Byte addresses
MS byte (VLOWh): 14 = 0Eh
LS byte (VLOWl): 15 = 0Fh
Each LS bit of VLOWh represents 25.6 mV and each LS bit of VLOWl represents 0.1 mV. The sixteen-bit threshold value
(VLOWh:VLOWl) is compared to the sixteen-bit value of the voltage result (VINh:VINl). WARN0 bit 4 is set if
Result < Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com