| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SNC201S Datasheet(PDF) 5 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC201S Datasheet(HTML) 5 Page - SONiX Technology Company |
|
5 / 11 page ![]() SNC201S Direct Drive Speech Controller Ver: 1.2 Sept 20, 2007 5 5.6. Event Mark This is a new function for SNC201S, it allows user to add a special mark in wave data by the voice edit tool “CoolEdit”. User can insert event tags in anywhere of his wave file and can easy to get this special code to do his special action during voice playing. That means, it should be easily to control the I/O (such as LED or motor) and other actions to synchronize with voice. 5.7. I/O Ports P3 is a 4-bit I/O ports. Any bit of P3 can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P3 can reactivate the chip when the chip is in power-down mode. I/O Port Configuration (P30~P33) Note: (1) Weak N-MOS’s can serve as pull-low resistors. (2) The driving and sink current of P3.2 and P3.3 are enhance to be 8mA/16mA. So user can direct to drive the LED through those two I/O pins. Port Data Port Status To Internal Data Bus Read Control PAD Weak |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |